Part Number Hot Search : 
SC3508 M1951A C2508 DM74AS04 0BT90N6T 1N4993 08SBUS 1N2432
Product Description
Full Text Search
 

To Download MAX4503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1064; Rev 0; 6/96
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
_______________General Description
The MAX4503/MAX4504 are low-voltage, dual-supply, single-pole/single-throw (SPST), CMOS analog switches. The MAX4503 is normally open (NO). The MAX4504 is normally closed (NC). These CMOS switches can operate continuously with dual supplies between 1.V and 6V. Each switch can handle rail-to-rail analog signals. The off-leakage current is only 1nA at +25C or 10nA at +85C. The digital input is CMOS-logic compatible when using 5V supplies. A unique logic input architecture allows this even though the parts have no ground pin. For single-supply operation, use the MAX4501/ MAX4502, which are pin-for-pin equivalents.
____________________________Features
o Available in SOT23-5 Package o Dual-Supply Operation from 1V to 6V o Guaranteed On-Resistance: 250W with 5V Supplies o Guaranteed Low Off-Leakage Currents: 1nA at +25C 10nA at +85C o Guaranteed Low On-Leakage Currents: 2nA at +25C 20nA at +85C o Guaranteed Low Charge Injection: 10pC Max o Fast Switching Speed: tON = 150ns, tOFF = 100ns o CMOS-Logic Compatible Input
MAX4503/MAX4504
________________________Applications
Battery-Operated Equipment Audio and Video Signal Routing Low-Voltage Data-Acquisition Systems Communications Circuits Cellular Phones PCMCIA Cards Modems
______________Ordering Information
PART MAX4503CPA MAX4503CSA MAX4503CUK MAX4503C/D MAX4503EPA MAX4503ESA MAX4503EUK MAX4503MJA TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 8 Plastic DIP 8 SO 5 SOT23-5 Dice* 8 Plastic DIP 8 SO 5 SOT23-5 8 CERDIP**
Ordering Information continued at end of data sheet. * Contact factory for dice specifications. ** Contact factory for availability.
___________________________________________________________Pin Configurations
TOP VIEW
COM 1 N.C. 2 N.C. 3 V+ 4 8 7 6 NO VIN N.C. COM 1 N.C. 2 N.C. 3 V+ 4 8 7 6 NC VIN N.C. NO 2 NC 2 COM 1 5 V+ COM 1 5 V+
MAX4503
DIP/SO
INPUT LOW HIGH
5
MAX4504
DIP/SO
5
V- 3
MAX4503
SOT23-5
4
IN
V- 3
MAX4504
SOT23-5
4
IN
SWITCH STATE MAX4504 MAX4503 ON OFF OFF ON
MARKING INFORMATION (SOTs ONLY) LOT SPECIFIC CODE XX XX AC = MAX4503 AD = MAX4504
N.C. = NOT INTERNALLY CONNECTED
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
ABSOLUTE MAXIMUM RATINGS
(Voltages Referenced to V-) V+ ..............................................................................-0.3V, +13V Voltage into Any Terminal (Note 1) ..........-0.3V to (V+ + 0.3V) or 10mA (whichever occurs first) Continuous Current into Any Terminal..............................10mA Peak Current, NO_ or COM_ (pulsed at 1ms,10% duty cycle)...................................20mA Continuous Power Dissipation (TA = +70C) 8-Pin Plastic DIP (derate 9.09mW/C above +70C) ...727mW 8-Pin SO (derate 5.88mW/C above +70C)................471mW 5-Pin SOT23-5 (derate 7.1mW/C above +70C) ........571mW 8-Pin CERDIP (derate 8.00mW/C above +70C)........640mW Operating Temperature Ranges MAX4503C_ _/MAX4504C_ _ .............................0C to +70C MAX4503E_ _/MAX4504E_ _ ...........................-40C to +85C MAX4503MJA/MAX4504MJA ........................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: Voltages on any signal terminal exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--5V Supply
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINH =3.5V, VINL = 1.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SWITCH Analog Signal Range COM to NO or NC On-Resistance NO or NC Off Leakage Current (Note 3) VCOM, VNO, VNC RON INO(OFF), INC(OFF) VCOM_ = 3.5V, ICOM = 1mA V+ = 5.5V, V- = -5.5V, VCOM_ = 4.5V, _ VNO or VNC = +4.5V V+ = 5.5V, V- = -5.5V, VCOM_ = 4.5V, _ VNO or VNC = +4.5V V+ = 5.5V, V- = -5.5V, VCOM = 4.5V, VNO or VNC = 4.5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX C, E M C, E M C, E M -1 -10 -100 -1 -10 -100 -2 -20 -200 (V+) - 1.5 VVIN = V+, 0V -1 0.03 0.01 0.01 0.01 V60 V+ 250 350 1 10 100 1 10 100 2 20 200 V+ (V+) - 3.5 1 V V A nA nA nA V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
COM Off Leakage Current (Note 3)
ICOM(OFF)
COM On Leakage Current (Note 3) DIGITAL I/O IN Input Logic High IN Input Logic Low IN Input Current Logic High or Low
ICOM(ON)
VIH VIL IIH, IIL
2
_______________________________________________________________________________________
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS--5V Supply (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINH = 3.5V, VINL = 1.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER SYMBOL CONDITIONS MIN TYP (Note 2) 30 20 MAX UNITS
MAX4503/MAX4504
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time Charge Injection (Note 4) Off Isolation NO or NC Off Capacitance COM Off Capacitance COM On Capacitance POWER SUPPLY V+, V- Supply Current I+, IVIN = 0V or V+ TA = +25C TA = TMIN to TMAX -125 -200 40 125 200 A tON tOFF Q VISO CNO(OFF) COFF(COM) CON(COM) VIN = 3V, RL = 1k VNO or VNC = 3V, Figure 1 VIN = 3V, RL = 1k VNO or VNC = 3V, Figure 1 CL = 1nF, VNO_ = 0V, RS = 0, TA = +25C, Figure 2 RL = 50, CL = 15pF, VNO = 1VRMS, f = 100kHz, TA = +25C, Figure 3 f = 1MHz, TA = +25C, Figure 4 f = 1MHz, TA = +25C, Figure 4 f = 1MHz, TA = +25C, Figure 4 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 1 <-90 3 3 9 150 240 100 150 10 ns ns pC dB pF pF pF
_______________________________________________________________________________________
3
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
ELECTRICAL CHARACTERISTICS--3V Supply
(V+ = +2.7V to +3.3V, V- = -2.7V to -3.3V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SWITCH Analog Signal Range COM to NO or NC On-Resistance NO or NC Off Leakage Current (Notes 3, 4) VCOM, VNO, VNC RON INO(OFF), INC(OFF) VCOM_ = 1.5V, ICOM = 0.1mA VCOM_ = 1.5V, _ VNO or VNC = +1.5V, V+ = 3.3V, V- = -3.3V VCOM_ = 1.5V, _ VNO or VNC = +1.5V, V+ = 3.3V, V- = -3.3V VNO or VNC = 1.5V, VCOM_ = 1.5V, V+ = 3.3V, V- = -3.3V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX C, E M C, E M C, E M -1 -10 -100 -1 -10 -100 -2 -20 -200 2.4 V-1 0.03 0 100 V+ 400 500 1 10 100 1 10 100 2 20 200 V+ (V+) - 2.3 1 V V A nA nA nA V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
COM Off Leakage Current (Notes 3, 4)
ICOM(OFF)
COM On Leakage Current (Notes 3, 4) DIGITAL I/O IN Input Logic High IN Input Logic Low IN Input Current Logic High or Low POWER SUPPLY V+, V- Supply Current Note 2: Note 4: Note 3: Note 5:
ICOM(ON)
VINH VINL IIH, IIL
I+, I-
IN = 0V or V+
TA = +25C TA = TMIN to TMAX
-100 -175
25
100 175
A
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Guaranteed, not production tested. Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at +25C. SOT packaged parts are 100% tested at +25C. Limits at maximum and minimum rated temperature are guaranteed by design and correlation limits at +25C.
4
_______________________________________________________________________________________
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V, TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM AND TEMPERATURE
MAX4503-01
MAX4503/MAX4504
ON-RESISTANCE vs. VCOM
MAX4503-02
CHARGE INJECTION vs. VCOM
4 3 V+ = +5V V- = -5V
MAX4503-03
200 180 160 140
1000 V+ = +1V V- = -1V V+ = +2V V- = -2V 100 V+ = +4V V- = -4V V+ = +3V V- = -3V
5
2 Q (pC) 1 0 -1 -2
100 80 60 40 20 0
TA = +125C TA = +85C TA = +25C TA = -55C
RON ()
RON ()
120
V+ = +5V V- = -5V 10
-3 -4 -5
-5 -4 -3 -2 -1
0
1
2
3
4
5
-5 -4 -3 -2 -1
0
1
2
3
4
5
-5 -4 -3 -2 -1
0
1
2
3
4
5
VCOM (V)
VCOM (V)
VCOM (V)
LEAKAGE CURRENT vs. TEMPERATURE
ICOM ON LEAKAGE CURRENT (nA) 1 LOSS (dB)
MAX4503-04
FREQUENCY RESPONSE (50 IN AND OUT)
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 ON LOSS
MAX4503-05
10
60 50 40 30 20 10 0 -10 -20 -30 -40
0.01
0.001 ICOM/NO/NC OFF 0.0001
ON PHASE
OFF ISOLATION
0.00001 -60 -40 -20 0
20 40 60 80 100 120 140
-110 -120 0.0001 0.001 0.01 0.1
1
10
-50 -60 100 1000
TEMPERATURE (C)
FREQUENCY (MHz)
TOTAL HARMONIC DISTORTION vs. FREQUENCY
MAX4503-06
LOGIC THRESHOLD vs. V+ AND V2.5 LOGIC THRESHOLD (V) 2.0 1.5 1.0 0.5 0 -0.5
MAX4503-07
100 TOTAL HARMONIC DISTORTION (%)
10
600 IN/OUT V+ = 5V V- = -5V
3.0
1
0.1
0.01 10 100 1000 10,000 100,000 FREQUENCY (Hz)
-1.0 0 1 2 3 4 5 V+, V- VOLTAGE (V)
_______________________________________________________________________________________
PHASE (DEGREES)
5
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
______________________________________________________________Pin Description
PIN MAX4503 DIP/SO SOT23-5 MAX4504 DIP/SO SOT23-5 NAME FUNCTION
1 2, 3, 5 4 6 7 8 -
1
-
1 2, 3, 5 4 6 7 - 8
1
-
COM N.C. V+ IN VNO NC
Analog Switch Common Terminal No Connect (not internally connected) Positive (analog and digital) Supply Voltage Input Digital Control Input Negative (analog) Supply Voltage Input Analog Switch Normally Open Terminal Analog Switch Normally Closed Terminal
5 4 3 2
-
5 4 3 - 2
Note: NO, NC, and COM pins are identical and interchangeable. Either may be considered as an input or output; signals pass equally well in both directions.
__________Applications Information
Power-Supply Considerations
The MAX4503/MAX4504's construction is typical of most CMOS analog switches, except they have only two supply pins: V+ and V-. These voltages set the analog voltage limits of the switch. Reverse ESD-protection diodes are internally connected between IN and each analog signal pin and both V+ and V-. If any analog signal exceeds V+ or V-, one of these diodes will conduct. During normal operation, these (and other) reverse-biased ESD diodes leak, forming the only current drawn from V-. Additional current flows through V+ from the logic-level translator. Virtually all the analog leakage current is provided through the ESD diodes. Although the ESD diodes on a given signal pin are identical and therefore fairly well balanced, they are reverse biased differently. Each is biased by either V+ or V- and the analog signal. This means their leakages will vary as the signal varies. The difference in the two diode leakages to the V+ and Vpins constitutes the analog-signal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. This is why both sides of a given switch can show leakage currents of either the same or opposite polarity. There is no connection between the analog signal paths and V+ or V-. V+ and V- also power the internal logic and logic-level translators. Since there is no ground pin, the logic input
6
has a low-current pull-up to V+ and the logic limit is set by an internal comparator referenced to V+. The logiclevel translators convert the logic levels to switched V+ and V- signals, to drive the gates of the analog signals. This drive signal is the only connection between the logic supplies (and signals) and the analog supplies. COM, NO, and NC pins have ESD-protection diodes to V+ and V-. The logic is CMOS compatible when V+ is +5V. CMOS compatibility is maintained with all V+ values, assuming that the CMOS logic is operated from the same V+ supply. Since the MAX4503/MAX4504 have no ground pins, the logic levels are internally referenced to V+. Do not connect the MAX4503/MAX4504 V+ to +3V and connect the logic-level pins to TTL-logic-level signals. TTL levels can exceed +3V and violate the absolute maximum ratings, damaging the part and/or external circuits.
High-Frequency Performance
In 50 systems, signal response is reasonably flat up to 50MHz. (see Typical Operating Characteristics). Above 20MHz the on-response has several minor peaks which are highly layout dependent. The problem is not in turning the switch on, but in turning it off. The off-state switch acts like a capacitor, and passes higher frequencies with less attenuation. At 10MHz, off isolation is about -65dB in 50 systems, becoming worse (approximately 20dB per decade) as frequency increases. Higher circuit impedances also make off isolation worse.
_______________________________________________________________________________________
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
______________________________________________Test Circuits/Timing Diagrams
V+ VIN V+ NO VNO VIN 0V 50%
MAX4503/MAX4504
VIN
MAX4503
IN V50 V1k COM VOUT
VOUT VOUT 35pF 0V tON
90%
90%
tOFF
V+ VIN V+ NC VNC VIN 0V 50%
VIN
MAX4504
IN V50 V1k COM VOUT 35pF
VOUT 90% VOUT 90%
0V tOFF tON
Figure 1. Switching Times
V+ V+ V+ VNO or VNC = 0V VIN 0V MAX4504 VOUT CL 1000pF VOUT VOUT VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. Q = VOUT x CL MAX4503
NO or NC
VIN
IN
MAX4503 MAX4504 COM
V-
50 V-
Figure 2. Charge Injection
_______________________________________________________________________________________
7
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
_________________________________Test Circuits/Timing Diagrams (continued)
V+ 10nF NETWORK ANALYZER V+ NO or NC VIN 50 50 V OFF ISOLATION = 20log OUT VIN V ON LOSS = 20log OUT VIN
V+ IN
MAX4503 MAX4504 COM
V-
VOUT
MEAS.
REF
50
50
V-
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS. OFF ISOLATION IS MEASURED BETWEEN COM AND "OFF" TERMINAL ON EACH SWITCH. ON LOSS IS MEASURED BETWEEN COM AND "ON" TERMINAL ON EACH SWITCH. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST-VALUES ARE RECORDED.
Figure 3. Off Isolation and On Loss
___________________Chip Topography
V+ V+
NO or NC
IN
AS REQUIRED IN
V+
MAX4503 MAX4504 COM
VV-
1MHz CAPACITANCE ANALYZER
0.035" (0.889mm) COM
Figure 4. NO, NC, and COM Capacitance
_Ordering Information (continued)
PART MAX4504CPA MAX4504CSA MAX4504CUK MAX4504C/D MAX4504EPA MAX4504ESA MAX4504EUK MAX4504MJA TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 8 Plastic DIP 8 SO 5 SOT23-5 Dice* 8 Plastic DIP 8 SO 5 SOT23-5 8 CERDIP**
V- NO/NC
0.030" (0.762mm)
* Contact factory for dice specifications. ** Contact factory for availability.
TRANSISTOR COUNT: 36 SUBSTRATE IS INTERNALLY CONNECTED TO V+
8
_______________________________________________________________________________________
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
__________________________________________________Tape-and-Reel Information
E D P0 P2 W B0
MAX4503/MAX4504
F
D1
t
NOTE: DIMENSIONS ARE IN MM. AND FOLLOW EIA481-1 STANDARD.
P A0
K0
A0 B0 D 1.499 D1
3.2000.102 3.0990.102 +0.102 +0.000 0.991 +0.254 +0.000
E 1.7530.102 F3.5050.051 K0 P 1.3970.102 3.988 0.102
P0 P010 P2 t
3.988
0.102
40.0050.203 2.007 0.051
0.254 0.127 +0.305 -0.102
5 SOT23-5
W8.001
_______________________________________________________________________________________
9
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
________________________________________________________Package Information
b e
DIM A A1 A2 b C D E E1 L e e1 MILLIMETERS MIN MAX 0.90 1.45 0.00 0.15 0.90 1.30 0.35 0.50 0.08 0.20 2.80 3.00 2.60 3.00 1.50 1.75 0.35 0.55 0.95ref 1.90ref 0 10
21-0057B
E
e1 D
E1
A A2
C
L A1
5-PIN SOT23-5 SMALL-OUTLINE TRANSISTOR PACKAGE
DIM
D A e B
0.101mm 0.004in.
0-8
A1
C
L
A A1 B C E e H L
INCHES MAX MIN 0.069 0.053 0.010 0.004 0.019 0.014 0.010 0.007 0.157 0.150 0.050 0.244 0.228 0.050 0.016
MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 3.80 4.00 1.27 5.80 6.20 0.40 1.27
E
H
Narrow SO SMALL-OUTLINE PACKAGE (0.150 in.)
DIM PINS D D D 8 14 16
INCHES MILLIMETERS MIN MAX MIN MAX 0.189 0.197 4.80 5.00 0.337 0.344 8.55 8.75 0.386 0.394 9.80 10.00
21-0041A
10
______________________________________________________________________________________
Low Voltage, Dual-Supply, SPST, CMOS Analog Switches
___________________________________________Package Information (continued)
E D A3 A A2 E1
DIM A A1 A2 A3 B B1 C D1 E E1 e eA eB L INCHES MAX MIN 0.200 - - 0.015 0.175 0.125 0.080 0.055 0.022 0.016 0.065 0.045 0.012 0.008 0.080 0.005 0.325 0.300 0.310 0.240 - 0.100 - 0.300 0.400 - 0.150 0.115 INCHES MIN MAX 0.348 0.390 0.735 0.765 0.745 0.765 0.885 0.915 1.015 1.045 1.14 1.265 MILLIMETERS MIN MAX - 5.08 0.38 - 3.18 4.45 1.40 2.03 0.41 0.56 1.14 1.65 0.20 0.30 0.13 2.03 7.62 8.26 6.10 7.87 2.54 - 7.62 - - 10.16 2.92 3.81 MILLIMETERS MIN MAX 8.84 9.91 18.67 19.43 18.92 19.43 22.48 23.24 25.78 26.54 28.96 32.13
21-0043A
L A1 e B D1
0 - 15 C B1 eA eB
Plastic DIP PLASTIC DUAL-IN-LINE PACKAGE (0.300 in.)
PKG. DIM PINS P P P P P N D D D D D D 8 14 16 18 20 24
______________________________________________________________________________________
11
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches MAX4503/MAX4504
___________________________________________Package Information (continued)
DIM INCHES MIN MAX - 0.200 0.014 0.023 0.038 0.065 0.008 0.015 0.220 0.310 0.290 0.320 0.100 0.125 0.200 0.150 - 0.015 0.070 - 0.098 0.005 - MILLIMETERS MIN MAX - 5.08 0.36 0.58 0.97 1.65 0.20 0.38 5.59 7.87 7.37 8.13 2.54 3.18 5.08 3.81 - 0.38 1.78 - 2.49 0.13 -
E1 A D E
Q L e B S1 S B1 L1
0-15 C
A B B1 C E E1 e L L1 Q S S1
CERDIP CERAMIC DUAL-IN-LINE PACKAGE (0.300 in.)
DIM PINS D D D D D D 8 14 16 18 20 24
INCHES MILLIMETERS MIN MAX MIN MAX - 0.405 - 10.29 - 0.785 - 19.94 - 0.840 - 21.34 - 0.960 - 24.38 - 1.060 - 26.92 - 1.280 - 32.51
21-0045A
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1996 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X